Part Number Hot Search : 
2316226 DSPIC33 74LS22 M74HC4 LTC385 T54FC 100118Y D1220
Product Description
Full Text Search
 

To Download EKXG161ESS100MJ16S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
KXG
@Downsized from current KMX series @For electronic ballast circuits and other long life required applications @Endurance with ripple current : 105C 8000 to 10000hours @Non solvent-proof type @Pb-free design
downsized KMX
160 to 450Vdc long life, 105C
?SPECIFICATIONS
Items
Category Temperature Range Rated Voltage Range Capacitance Tolerance Leakage Current -40 to +105C (160 to 400Vdc) -25 to+105C (450Vdc) 160 to 450Vdc P20% (M)
Characteristics
Dissipation Factor (tanE) Low Temperature Characteristics (Max. Impedance Ratio) Endurance
Shelf Life
(at 20C, 120Hz) After 1 minute After 5 minutes CV[1000 I=0.1CV+40 I=0.03CV+15 CV>1000 I=0.04CV+100 I=0.02CV+25 Where, I : Max. leakage current (MA), C : Nominal capacitance (MF), V : Rated voltage (V) (at 20C) Rated voltage (Vdc) 160 to 250V 350 & 400V 450V tanE (Max.) 0.20 0.24 0.24 (at 20C, 120Hz) Rated voltage (Vdc) 160 to 250V 350 & 400V 450V Z(-25C)/Z(+20C) 6 5 3 Z(-40C)/Z(+20C) (at 120Hz) 6 6 The following specifications shall be satisfied when the capacitors are restored to 20C after subjected to DC voltage with the rated ripple current is applied for 10000 hours (8000 hours for F10) at 105C. Capacitance change [P20% of the initial value D.F. (tanE) [200% of the initial specified value Leakage current [The initial specified value The following specifications shall be satisfied when the capacitors are restored to 20C after exposing them for 1000 hours at 105C without voltage applied. Capacitance change [P20% of the initial value D.F. (tanE) [200% of the initial specified value Leakage current [500% of the initial specified value
?DIMENSIONS [mm]
@Terminal Code : E
FP0.5 FP0.5 Fd Sleeve (PET) fD fd F fD' L' 10 0.6 5.0 18 12.5 16 0.6 0.8 0.8 5.0 7.5 7.5 FD+0.5max. L+1.5max.
FD'
Vent
L'
15min.
4min.
(F10)
(F12.5 to F18) Gas escaped end seal
?PART NUMBERING SYSTEM
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18
E KXG AAA E AA AAA M AAA S
Supplement code Size code Capacitance tolerance code Capacitance code (ex. 6.8MF:6R8,10MF:100,100MF:101) Lead forming*taping code Terminal code Voltage code (ex. 160V:161,450V:451) Series code Category
Please refer to "A guide to global code (radial lead type)"
?RATED RIPPLE CURRENT MULTIPLIERS
@Frequency Multipliers
Capacitance (mF) Frequency (Hz)
6.8 to 82 100 to 330
120 1.0 1.0
1k 1.75 1.67
10k 2.25 1.75
100k 2.50 2.25
(1/2)
CAT. No. E1001E
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
160 to 450Vdc long life, 105C
?STANDARD RATINGS
WV (Vdc) Cap (mF) 10 22 33 47 68 82 100 100 150 220 330 10 22 33 47 68 82 100 150 220 330 10 22 33 47 68 82 100 150 220 6.8 10 22 33 47 68 68 82 100 120 150 6.8 10 15 22 33 47 47 68 82 100 120 150 6.8 10 15 22 33 33 47 68 82 100 Case size fDbL(mm) 10 B 16 10 B 20 10 B 20 10 B 20 12.5 B 20 12.5 B 20 12.5 B 25 16 B 20 16 B 20 16 B 25 18 B 31.5 10 B 16 10 B 20 10 B 20 12.5 B 20 12.5 B 20 16 B 20 16 B 20 16 B 25 18 B 25 18 B 35.5 10 B 20 10 B 20 12.5 B 20 12.5 B 20 16 B 20 16 B 20 16 B 25 18 B 25 18 B 31.5 10 B 16 10 B 20 12.5 B 20 16 B 20 16 B 20 16 B 25 18 B 20 18 B 25 18 B 25 18 B 31.5 18 B 35.5 10 B 16 10 B 20 12.5 B 20 12.5 B 20 16 B 20 16 B 25 18 B 20 18 B 25 18 B 25 18 B 31.5 18 B 35.5 18 B 40 10 B 20 12.5 B 20 12.5 B 25 16 B 20 16 B 25 18 B 20 18 B 25 18 B 31.5 18 B 35.5 18 B 40 Rated ripple current(mArms/105c) tane 120Hz 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.24 0.24 0.24 0.24 0.24 0.24 0.24 0.24 0.24 0.24 0.24 0.24 0.24 0.24 0.24 0.24 0.24 0.24 0.24 0.24 0.24 0.24 0.24 0.24 0.24 0.24 0.24 0.24 0.24 0.24 0.24 0.24 0.24 125 200 250 300 470 510 620 630 770 1020 1390 125 200 260 390 470 550 630 840 1050 1430 140 200 320 390 520 550 680 860 1130 110 140 260 360 430 560 550 610 700 830 960 110 140 220 260 360 470 450 585 610 765 865 985 110 180 240 290 390 380 480 630 715 800 100kHz 315 500 625 750 1175 1275 1395 1420 1735 2295 3130 315 500 650 975 1175 1375 1420 1890 2365 3220 350 500 800 975 1300 1375 1530 1935 2545 275 350 650 900 1075 1400 1375 1525 1575 1865 2160 275 350 550 650 900 1175 1125 1465 1525 1720 1945 2215 275 450 600 725 975 950 1200 1575 1785 1800 EKXG161ESS100MJ16S EKXG161ESS220MJ20S EKXG161ESS330MJ20S EKXG161ESS470MJ20S EKXG161ESS680MK20S EKXG161ESS820MK20S EKXG161ESS101MK25S EKXG161ESS101ML20S EKXG161ESS151ML20S EKXG161ESS221ML25S EKXG161ESS331MMN3S EKXG201ESS100MJ16S EKXG201ESS220MJ20S EKXG201ESS330MJ20S EKXG201ESS470MK20S EKXG201ESS680MK20S EKXG201ESS820ML20S EKXG201ESS101ML20S EKXG201ESS151ML25S EKXG201ESS221MM25S EKXG201ESS331MMP1S EKXG251ESS100MJ20S EKXG251ESS220MJ20S EKXG251ESS330MK20S EKXG251ESS470MK20S EKXG251ESS680ML20S EKXG251ESS820ML20S EKXG251ESS101ML25S EKXG251ESS151MM25S EKXG251ESS221MMN3S EKXG351ESS6R8MJ16S EKXG351ESS100MJ20S EKXG351ESS220MK20S EKXG351ESS330ML20S EKXG351ESS470ML20S EKXG351ESS680ML25S EKXG351ESS680MM20S EKXG351ESS820MM25S EKXG351ESS101MM25S EKXG351ESS121MMN3S EKXG351ESS151MMP1S EKXG401ESS6R8MJ16S EKXG401ESS100MJ20S EKXG401ESS150MK20S EKXG401ESS220MK20S EKXG401ESS330ML20S EKXG401ESS470ML25S EKXG401ESS470MM20S EKXG401ESS680MM25S EKXG401ESS820MM25S EKXG401ESS101MMN3S EKXG401ESS121MMP1S EKXG401ESS151MM40S EKXG451ESS6R8MJ20S EKXG451ESS100MK20S EKXG451ESS150MK25S EKXG451ESS220ML20S EKXG451ESS330ML25S EKXG451ESS330MM20S EKXG451ESS470MM25S EKXG451ESS680MMN3S EKXG451ESS820MMP1S EKXG451ESS101MM40S Part No.
160
200
250
350
400
450
SS : Lead forming / Taping code
(2/2)
CAT. No. E1001E


▲Up To Search▲   

 
Price & Availability of EKXG161ESS100MJ16S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X